Part Number Hot Search : 
GRM21BR 00003 FX502 ESDA14V2 CY7C0 03518 114EKA MB90611A
Product Description
Full Text Search
 

To Download MBRS340TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20585 rev. E 07/04
MBRS340TR
SCHOTTKY RECTIFIER 3 Amp
IF(AV) = 3.0Amp VR = 40V
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM IFSM @ t p= 5 s sine VF TJ @3.0Apk,TJ=125C range
Description/ Features Units
A V A V C The MBRS340TR surface-mount Schottky rectifier has been designed for applications requiring low forward drop and small foot prints on PC boards. Typical applications are in disk drives, switching power supplies, converters, free-wheeling diodes, battery charging, and reverse battery protection. Small foot print, surface mountable Very low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability
Value
3.0 40 1580 0.43 - 55 to 150
Case Styles MBRS340TR
SMC
www.irf.com
1
MBRS340TR
Bulletin PD-20585 rev. E 07/04
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
MBRS340TR
40
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current
Value
3.0 4.0
Units Conditions
A 50% duty cycle @ TL = 118 C, rectangular wave form 50% duty cycle @ TL = 110 C, rectangular wave form A 5s Sine or 3s Rect. pulse 10ms Sine or 6ms Rect. pulse mJ A TJ = 25 C, IAS = 1.0A, L = 12mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. Va = 1.5 x Vr typical Following any rated load condition and with rated VRRM applied
IFSM EAS IAR
Max. Peak One Cycle Non-Repetitive Surge Current Non Repetitive Avalanche Energy Repetitive Avalanche Current
1580 80 6 1.0
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (1)
Value
0.525 0.68 0.43 0.57
Units Conditions
V V V V mA mA mA pF nH V/s @ 3A @ 6A @ 3A @ 6A TJ = 25 C TJ = 100C TJ = 125 C VR = 5VDC(test signal range 100KHz to 1Mhz) 25C Measured lead to lead 5mm from package body (Rated VR) VR = rated VR TJ = 25 C TJ = 125 C
IRM
Max. Reverse Leakage Current
(1)
2.0 20 35
CT LS
Max. Junction Capacitance Typical Series Inductance
230 3.0 10000
dv/dt Max. Voltage Rate of Change
(1) Pulse Width < 300s, Duty Cycle < 2%
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max.JunctionTemperatureRange (*) Max. Storage Temperature Range (**) 46 C/W DC operation
Value
- 55 to 150 - 55 to 150 12
Units
C C C/W DC operation
Conditions
RthJL Max. Thermal Resistance Junction to Lead RthJA Max. Thermal Resistance Junction to Ambient wt Approximate Weight Case Style Device Marking
(*) dPtot
0.24(0.008) g (oz.) SMC IR34 Similar to DO-214AB
1 < thermal runaway condition for a diode on its own heatsink dTj Rth( j-a) (**) Mounted 1 inch square PCB
2
www.irf.com
MBRS340TR
Bulletin PD-20585 rev. E 07/04
10
100000
T J = 150C 125C 100C
Reverse Current - I R (mA)
10000
1000
75C
100
50C
(A)
10
25C
Instantaneous Forward Current - I
F
T = 150C
J J J
1 0 10 20 30 Reverse Voltage - VR (V) 40
1
T = 125C T = 25C
Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg) 1000
Junction Capacitance - C T (p F)
T = 25C J
100
0.1 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 Forward Voltage Drop - VFM (V)
10 0 5 10 15 20 25 30 35 40 45 Reverse Voltage - VR (V)
Fig. 1 - Max. Forward Voltage Drop Characteristics (Per Leg)
100
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
(C/W)
10
Thermal Impedance Z
D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20
thJC
PDM
t1
1
Single Pulse (Thermal Resistance)
Notes:
t2
1. Duty factor D = t1/ t 2 2. Peak Tj = Pdm x ZthJC+Tc
0.1 0.00001
0.0001
0.001
0.01 0.1 1 t1 , Rectangular Pulse Duration (Seconds)
10
100
Fig. 4 - Max. Thermal Impedance Z thJC Characteristics (Per Leg)
www.irf.com
3
MBRS340TR
Bulletin PD-20585 rev. E 07/04
160
Allowable Lead Temperature (C)
140 130 120 110 100 90 80 70 see note (2) 60 0 1 2 3
Square wave (D = 0.50) Rated Vr applied
Average Power Loss (Watts)
150
DC
D=0.20 D=0.25 D=0.33 D=0.50 D=0.75
2
1.5
D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20 RMS Limit
DC
1
0.5
4
5
0 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5
Average Forward Current - I F(AV) (A) Fig. 5 - Maximum Average Forward Dissipation Vs. Average Forward Current
Average Forward Current - I F(AV) (A) Fig. 4 - Maximum Average Forward Current Vs. Allowable Lead Temperature
Non-Repetitive Surge Current - I
FSM
(A)
1000
100
At Any Rated Load Condition And With rated Vrrm Applied Following Surge
10 10
100
1000
10000
Square Wave Pulse Duration - Tp (Microsec) Fig. 6 - Maximum Peak Surge Forward Current Vs. Pulse Duration
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x V FM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = V R1 x IR (1 - D); IR @ VR1 = 80% rated VR
4
www.irf.com
MBRS340TR
Bulletin PD-20585 rev. E 07/04
Outline Table
Device Marking: IR34
2.75 (.108) 3.15 (.124) 5.59 (.220) 6.22 (.245)
CATHODE
ANODE
6.60 (.260) 7.11 (.280) .152 (.006) .305 (.012) 2.00 (.079) 2.62 (.103) 0.76 (.030) 1.52 (.060) 7.75 (.305) 8.13 (.320) .102 (.004) .203 (.008)
1
2
1 POLARITY
2 PART NUMBER
Outline SMC Dimensions in millimeters and (inches) For recommended footprint and soldering techniques refer to application note #AN-994
Marking & Identification
Each device has 2 rows for identification. The first row designates the device as manufactured by International Rectifier, indicated by the letters "IR", and the Part Number (indicates the current, the voltage rating and Schottky Generation). The second row indicates the year, the week of manufacturing and the Site ID.
IR34
IR34
VOLTAGE CURRENT
IR LOGO
YYWWX
SITE ID WEEK 2nd digit of the YEAR "Y" = 1st digit of the YEAR "standard product" "P" = "Lead-Free"
www.irf.com
5
MBRS340TR
Bulletin PD-20585 rev. E 07/04
Tape & Reel Information
Dimensions in millimetres and (inches)
Ordering Information Table
Device Code
MBR
1 1 2 3 4 5 6 -
S
2
3
3
40
4
TR
5
6
Schottky MBR Series S = SMC Current Rating (3 = 3 A) Voltage Rating (40 = 40V) TR = Tape & Reel (3000 pieces) none = Standard Production PbF = Lead-Free
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 07/04
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of MBRS340TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X